PART |
Description |
Maker |
HD-02103AST |
Stick Coupler SCR Thyristor; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:60V; On-State RMS Current, IT(rms):800mA; Peak Non Repetitive Surge Current, Itsm:8A; Gate Trigger Current Max, Igt:200uA
|
HIROSE[Hirose Electric] Hirose Electric USA, INC.
|
BT137F-600 BT137F |
600V Vdrm 8A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|
CNY-2.S CNY-2-MS CNY-2-MSR2 CNY-2-MSR2V CNY-2-MSV |
Phototransistor Optocouplers Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 2.2 UFD.16WVDC.20%.3216.CASE A.TANT Hook-Up Wire; Conductor Size AWG:20; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Jacket Material:XLPE Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired EIA Industrial RS-485 Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-6 Phototransistor Optocouplers 光电晶体管光电耦合 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT PACKAGE-6 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:5mA; Current, It av:12A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:10mA; Current, It av:12A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Phototransistor Optocouplers 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation http:// Fairchild Semiconductor, Corp.
|
BY329X-1000 BY329X-1200 BY329F BY329F-B1200 BY329 |
Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:5mA; Current, It av:6A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Rectifier diodes fast/ soft-recovery Rectifier diodes fast, soft-recovery
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
Z86C95-20AEC |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes 8位微控制
|
Microchip Technology, Inc.
|
ZB4BA131 ZB4BC2 ZB4BK1213 ZB4BK1253 ZB4BP5 ZB4BT4 |
DIODE TVS 8.0V 1500W UNI 5% SMC LED SCHALTER HARMON PILZTASTE 40MM Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:320Vrms; Peak Surge Current @ 8/20uS:10000A; Clamping Voltage 8/20us Max :840V; Capacitance, Cd:750pF; Package/Case:20mm Disc; Capacitance:750pF; Clamping Voltage Max, Vc:840V RoHS Compliant: No VARISTOR MULTI ESD 42V MHS 0402 Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:275Vrms; Voltage Rating DC, Vdc:350VDC; Peak Surge Current @ 8/20uS:1750A; Clamping Voltage 8/20 Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:1000Vrms; Voltage Rating DC, Vdc:1200VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping SUPPRESSOR SMT 0402 160V 12PF LED SCHALTER HARMON BESCHRIFTET SCHWARZ AVALANCHE DIODE ARRAY SP0503BAHT Transient Surge Protection Thyristor; Current, It av:30A; Leaded Process Compatible:No; Package/Case:DO-2144AA; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:50V; Current Rating:30A RoHS Compliant: No DIODE TVS 90V 1500W UNI 5% SMC DIODE TVS 9.0V 1500W BI 5% SMC Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:175VDC; Peak Surge Current (8/20uS), Itm:50000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:20000pF; Package/Case:60mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :175V; Peak Energy (10/1000uS):20J; Capacitance, Cd:2000pF Varistor; Voltage Rating AC, Vrms:60Vrms; Voltage Rating DC, Vdc:81VDC; Peak Surge Current (8/20uS), Itm:2500A; Clamping Voltage 8/20us Max :165V; Peak Energy (10/1000uS):10J; Capacitance, Cd:900pF; Package/Case:10mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:140Vrms; Voltage Rating DC, Vdc:180VDC; Peak Surge Current (8/20uS), Itm:10000A; Clamping Voltage 8/20us Max :360V; Capacitance, Cd:1750pF; Package/Case:20mm Disc Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):3.5J; Capacitance, Cd:11000pF Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:10Vrms; Voltage Rating DC, Vdc:14VDC; Peak Surge Current @ 8/20uS:250A; Clamping Voltage 8/20us Max :36V; Peak Energy (10/1000uS):0.8J; Capacitance, Cd:2000pF RoHS Compliant: Yes LED SCHALTER HARMONY BUENDIG GELB LED SCHALTER HARMONY BUENDIG BLAU LED SCHALTER HARMONY 22MM 6 DIVER FARBEN
|
|
STK13C68-C25 STK13C68-5S25 STK13C68-5S45 STK13C68- |
FUSE 5A SLO-BLO PICO SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:200uA SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:50uA PC Board Fuse; Current Rating:250mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PC Board Fuse; Current Rating:375mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Cartridge Fuse; Current Rating:0.062A; Voltage Rating:125V; Fuse Type:Very Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:125V RoHS Compliant: No NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Microchip Technology, Inc. Electronic Theatre Controls, Inc.
|
|