PART |
Description |
Maker |
BD814 BD844 |
SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):8A; Peak Non Repetitive Surge Current, Itsm:100A; Gate Trigger Current Max, Igt:200uA 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1.5AI(丙)|02AA
|
Teridian Semiconductor, Corp.
|
1N191 |
Gold Bonded Germanium Diode(Peak Inverse Voltage : 90V, Peak Forward Current : 500mA)
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] BKC International Electronics Microsemi
|
STK11C68-W30 STK11C68-W45 STK11C68-W45I STK11C68-C |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Current, It av:15A; Holding Current:70mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:30mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
BT138F-600 BT138F |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
HD-15531883 HD-15531/883 |
SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:30V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:20A; Gate Trigger Current Max, Igt:50uA Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:17uF; Conductor Material:Copper RoHS Compliant: Yes
|
Intersil Corporation
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
Z86L7908PSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8位微控制
|
INTEGRAL JOINT STOCK COMPANY
|
HIP4082 HIP4082IB HIP4082IP |
80V/ 1.25A Peak Current H-Bridge FET Driver 80V, 1.25A Peak Current H-Bridge FET Driver 80V的,1.25A的峰值电H桥FET驱动
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISPPAC-CLK5610V-01T48C ISPPAC-CLK5610V-01T48I ISPP |
LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:525nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 Spot Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:470nm 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:470nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer 在系统可编程,零延迟时钟发生器通用扇出缓冲 LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No Spot Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:530nm Backlight LED; Color:Red; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED On-Axis Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:100x100mm; Peak Reflow Compatible (260 C):No; Supply Current:500mA; Supply Voltage:24VDC; Wavelength:520nm LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA Backlight LED; Color:Red; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:530nm LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:525nm
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|