PART |
Description |
Maker |
LC877680B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1189 |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC871H96A LC871HC8A |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC875CB2A LC875CC8A |
ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F7LC8A |
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F5WC8A |
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
http://
|
SLE66C160S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 16-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 16KB EEPROM))
|
SIEMENS AG
|
LC86F1216A |
8-Bit Single Chip Microcontroller with 16K-Byte ROM and 1220-Byte RAM On Chip CMOS IC
|
Sanyo
|
LC877424A LC877432A |
8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
|
Sanyo Electric Co.,Ltd.
|
LC87F2708A09 LC87F2708A |
8-bit Microcontroller with 8K-Byte Flash ROM and 512-Byte RAM FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
|
ON Semiconductor Sanyo Semicon Device
|
LC573202A |
4-Bit Microcontroller with 2K-Byte ROM, 64 × 4Bits RAM and LCD Driver 4-Bit Microcontroller with 2K-Byte ROM, 64 】 4Bits RAM and LCD Driver CMOS IC 4-Bit Microcontroller with 2K-Byte ROM, 64 4Bits RAM and LCD Driver 4-Bit Microcontroller with 2K-Byte ROM / 64 4Bits RAM and LCD Driver
|
SANYO[Sanyo Semicon Device]
|