PART |
Description |
Maker |
IRG4PH40K |
1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
MGW12N120 |
Insulated Gate Bipolar Transistor N-Channel Insulated Gate Bipolar Transistor 20 A, 1200 V, N-CHANNEL IGBT, TO-247AE
|
ONSEMI[ON Semiconductor]
|
IRG7PH35U-EP IRG7PH35UPBF IRG7PH35UPBF-15 |
55 A, 1200 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CT90AM-18 |
Integrated Gate Bipolar Transistor (IGBT) Modules: 250V INSULATED GATE BIPOLAR TRANSISTOR
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MGP20N60U-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
IRGS4045DPBF IRGS4045DPDF IRGS4045DTRLPBF IRGS4045 |
INSULATED GATE BIPOLAR TRANSISTOR WITH UL TRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
CM1200HC-66H |
HIGH POWER SWITCHING USE INSULATED TYPE High Voltage Insulated Gate Bipolar Transistor (HVIGBT) Modules
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
IRGP4069PBF |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|