PART |
Description |
Maker |
FDS3992_04 FDS3992 FDS3992NL FDS399204 |
Dual N-Channel PowerTrench? MOSFET 100V, 4.5A, 62m?/a> Dual N-Channel PowerTrench㈢ MOSFET 100V, 4.5A, 62mз Discrete Commercial N-Channel PowerTrench MOSFET, 100V, 4.5A, 0.062 Ohms @ VGS = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
HUFA75631SK8 HUFA75631SK8T |
5.5A, 100V, 0.039 Ohm, N-Channel, UltraFETPower MOSFET 5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 5.5A I(D) | SO
|
Fairchild Semiconductor Corporation
|
FDS3992 |
N-Channel PowerTrench MOSFET 100V, 4.5A, 62mз 4.5 A, 100 V, 0.062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench MOSFET 100V/ 4.5A/ 62m
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDS3692 |
Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? N-Channel PowerTrench MOSFET 100V, 45A, 60mohm
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5N3710 |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
|
IRF[International Rectifier]
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
FQT7N10L FQT7N10LTF FQT7N10LL99Z |
100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 1.7 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRF9130 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
|
International Rectifier
|
IRHQ567110 IRHQ567110P IRHQ563110 IRHQ563110N IRHQ |
100V 300kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a 28-pin LCC package 100V Dual 2N- and 2P- Channel MOSFET in a 28-pin LCC package 100V的双n -2P -通道MOSFET的采8引脚LCC封装 RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28) RADIATION HARDENED POWER MOSFET 100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a 28-pin LCC package
|
HIROSE ELECTRIC Co., Ltd. IRF[International Rectifier]
|
IRF5N5210 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-2 package POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A) POWER MOSFET P-CHANNEL(Vdss=-100V/ Rds(on)=0.060ohm/ Id=-31A)
|
International Rectifier
|