PART |
Description |
Maker |
EM44CM1688LBB-3F EM44CM1688LBB-25F |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
EM42BM1684RTC-5FE EM42BM1684RTC-6F EM42BM1684RTC-6 |
VDD/VDDQ= 2.5V ± 0.2V
|
Eorex Corporation
|
HY5PS121621BFP |
VDD ,VDDQ =1.8 +/- 0.1V
|
Hynix Semiconductor
|
HY64UD16322M-DF85E HY64UD16322M-DF85I HY64UD16322M |
Mobile PSRAM - 32Mb 2M x 16 bit Low Low Power 1T/1C Pseudo SRAM x16|3.0(VDD)3.0(VDDQ)V|70/85|Pseudo SRAM - 32M x16 | 3.0(VDD)在3.0(提供VDDQ)V | 70/85 |伪静态存储器- 32M
|
Hynix Semiconductor, Inc.
|
M12L2561616A-2A |
JEDEC standard 3.3V power supply
|
Elite Semiconductor Mem...
|
GS81302DT19AGD-450 GS81302DT19AGD-450I GS81302DT19 |
144Mb SigmaQuad-II TM Burst of 4 SRAM JEDEC-standard pinout and package
|
GSI Technology
|
SST29VE010-120-3I-EH SST29LE010-90-4C-N SST29VE010 |
Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 800; Vio (mV) max: 4; SR (V/µs) typ: 8; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 200; Vio (mV) max: 4; SR (V/µs) typ: 2; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 800; Vio (mV) max: 4; SR (V/µs) typ: 8; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 15; Vio (mV) max: 4; SR (V/µs) typ: 0.125; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: No error against RF noise Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: DIP; Pin count: 8; Remarks: No error against RF noise CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 15; Vio (mV) max: 4; SR (V/µs) typ: 0.125; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 100; Vio (mV) max: 4; SR (V/µs) typ: 1; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 4; SR (V/µs) typ: 0.5; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 200; Vio (mV) max: 4; SR (V/µs) typ: 2; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 400; Vio (mV) max: 4; SR (V/µs) typ: 4; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 400; Vio (mV) max: 4; SR (V/µs) typ: 4; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 4; SR (V/µs) typ: 0.5; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 100; Vio (mV) max: 4; SR (V/µs) typ: 1; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Open drain type Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Open drain type Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Open drain type Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Push-pull type 1 Megabit (128K x 8) Page Mode EEPROM 1兆位128K的8)页模式EEPROM Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type 1兆位28K的8)页模式的EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位28K的8)页模式EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise 1兆位28K的8)页模式EEPROM Logic IC; Function: Quad. Differential Line Receivers with 3-state outputs (EIA RS-422A, 423A); Package: DIP; Remarks: Interface IC 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位128K的8)页模式的EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: DIP; Pin count: 8; Remarks: No error against RF noise
|
Silicon Storage Technology, Inc.
|
CM3205-00TP CM3205 CM3205-00TN |
DDR VDDQ and Termination Voltage Regulator
|
CALMIRCO[California Micro Devices Corp]
|
MAX1253 MAX1254 MAX1253BEUE MAX1253AEUE MAX1254AEU |
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 9-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 Stand-Alone / 10-Channel / 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
|
http:// Maxim Integrated Products, Inc.
|
LTC3876 |
Dual DC/DC Controller for DDR Power with Differential VDDQ Sensing and 0mA VTT Reference
|
Linear Technology
|
RT9210 RT9210GC RT9210GS RT9210PC RT9210PS |
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
|
Richtek Technology Corporation
|