PART |
Description |
Maker |
EM47EM1688SBA-150 EM47EM1688SBA-125 |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
HY64UD16322M-DF85E HY64UD16322M-DF85I HY64UD16322M |
Mobile PSRAM - 32Mb 2M x 16 bit Low Low Power 1T/1C Pseudo SRAM x16|3.0(VDD)3.0(VDDQ)V|70/85|Pseudo SRAM - 32M x16 | 3.0(VDD)在3.0(提供VDDQ)V | 70/85 |伪静态存储器- 32M
|
Hynix Semiconductor, Inc.
|
M12L128324A-6BG2E M12L128324A-5BG2E M12L128324A-7B |
JEDEC standard 3.3V power supply
|
Elite Semiconductor Memory Technology Inc.
|
M12L2561616A-2A |
JEDEC standard 3.3V power supply
|
Elite Semiconductor Mem...
|
BAW56 BAW56-A1 |
Diodes > JEDEC Standard & Euro Standard Diodes > Surface mounting type SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR COMMON ANODE
|
ROHM Zetex Semiconductors
|
GS81302DT19AGD-450 GS81302DT19AGD-450I GS81302DT19 |
144Mb SigmaQuad-II TM Burst of 4 SRAM JEDEC-standard pinout and package
|
GSI Technology
|
AS4C64M16D2-25BIN AS4C64M16D2-25BCN |
1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM) JEDEC Standard Compliant
|
Alliance Semiconductor ...
|
CM3205-00TP CM3205 CM3205-00TN |
DDR VDDQ and Termination Voltage Regulator
|
CALMIRCO[California Micro Devices Corp]
|
CM3202 CM3202-00SM CM3202-00DE |
DDR VDDQ and Termination Voltage Regulator
|
CALMIRCO[California Micro Devices Corp]
|
ISL653031EVAL1 ISL6530 ISL6530CB ISL6530CB-T ISL65 |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination Dual Low-Noise High-Drive Operational Amplifier 8-SOIC 0 to 70 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PDSO24 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PQCC32
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
M1346 |
VDD CONTROL RGB LED IC
|
MOSDESIGN SEMICONDUCTOR CORP ETC[ETC]
|