PART |
Description |
Maker |
FAR-F6CE-2G4840-L2WC-W FAR-F5CE FAR-F5CE-820M00-K2 |
Piezoelectric SAW BPF (1000 to 2500 MHz) Piezoelectric SAW BPF (700 to 1700 MHz)
|
FUJITSU[Fujitsu Media Devices Limited]
|
MAX-305 |
Two-Position Actuators General Instructions
|
Schneider
|
FAR-C4CN-11059-K02-R FAR-C4CN-11059-K10-R FAR-C4CN |
Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 12 MHz Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 14.746 MHz 9-bit odd/even parity generators / checkers 14-PDIP 0 to 70 压电谐振器(43.9兆赫 Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 20 MHz Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 4.915 MHz Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 4.194 MHz Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 8 MHz Dual 5-input positive-NOR gates 14-SOIC 0 to 70 压电谐振器(43.9兆赫 Piezoelectric Resonator (4 to 23.9 MHz) 压电谐振器(43.9兆赫 Piezoelectric Resonator (4 to 23.9 MHz) QUARTZ CRYSTAL RESONATOR, 9.83 MHz Piezoelectric Resonator (4 to 23.9 MHz) 压电谐振器(423.9兆赫 CONN FFC/FPC 10POS 1MM R/A SMD Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-91 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:23; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:16-23 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:23; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 4-Bit Binary Full Adders With Fast Carry 16-PDIP 0 to 70 Dual 5-input positive-NOR gates 14-PDIP 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited. http:// Fujitsu Microelectronics
|
FAR-C4CL-40000-M12-R FAR-C4CL FAR-C4CL-24000-K02-R |
Piezoelectric Resonator (24 to 40 MHz) QUARTZ CRYSTAL RESONATOR, 40 MHz Piezoelectric Resonator (24 to 40 MHz) QUARTZ CRYSTAL RESONATOR, 33.869 MHz Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 压电谐振器(240兆赫
|
Fujitsu Microelectronics Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Limited Fujitsu, Ltd.
|
FAR-F6CE-1G8425-L2YB FAR-F6CE-1G7475-L2YA FAR-F6CE |
Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器000Hz500MHz Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器1000Hz500MHz
|
Fujitsu Limited
|
1021A |
PIEZOELECTRIC ACCELEROMETER
|
List of Unclassifed Manufacturers
|
ENC-03J |
Piezoelectric Vibrating Gyroscopes
|
Murata Manufacturing
|
ENC-03R |
Piezoelectric Vibrating Gyroscopes
|
http:// MURATA[Murata Manufacturing Co., Ltd.]
|
FAR-F6CH-1G4410-S2Z1 FAR-F5CH-950M00-S2F1 FAR-F5CH |
Piezoelectric SAW BPF
(700 to 1700 MHz)(压电表面声波带通滤波器(7001000 MHz)) Piezoelectric SAW BPF
(700 to 1700 MHz)(压电表面声波带通滤波器) Piezoelectric SAW BPF (700 to 1700 MHz)(压电表面声波带通滤波器) SAW FILTER Piezoelectric SAW BPF (700 to 1700 MHz)(压电表面声波带通滤波器(7001000 MHz)) SAW FILTER
|
Fujitsu Limited Fujitsu, Ltd.
|
CSALF8M00T55-B0 |
Specification of Piezoelectric Ceramic Resonator
|
Murata Manufacturing Co., Ltd.
|
RE46C104 |
Piezoelectric Horn Driver and Voltage Converter
|
Microchip Technology
|
RE46C104 |
Piezoelectric Horn Driver and Voltage Converter
|
R & E International, Inc.
|