PART |
Description |
Maker |
LTC3305 |
Lead-Acid Battery Balancer
|
Linear Technology
|
LC-R127R2P LC-R127R2P1 LC-V127R2P1 |
VALVE REGULATED LEAD ACID BATTERIES
|
Panasonic Corporation
|
LC-R121R3P |
VALVE-REGULATED LEAD ACID BATTERIES
|
Panasonic Corporation Panasonic Semiconductor
|
HRL1280W-17 |
Valve Regulated Lead Acid Battery
|
CSB Battery Co., Ltd.
|
LC-X1220P LC-X1220AP |
VALVE-REGULATED LEAD ACID BATTERIES:
|
Panasonic Battery Group
|
LC-R121R3P |
VALVE-REGULATED LEAD ACID BATTERIES:
|
Panasonic Battery Group
|
BPL33-12 |
Valve Regulated Lead-Acid Rechargeable Battery
|
B. B. Battery Co., Ltd.
|
HR40-12 |
Valve Regulated Lead-Acid Rechargeable Battery
|
B. B. Battery Co., Ltd.
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
LTC4098EPDC-1TRPBF LTC4098EPDC-1PBF LTC4098EPDCTRP |
BATTERY CHARGE CONTROLLER, 2650 kHz SWITCHING FREQ-MAX, PQCC20 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, QFN-20 USB Compatible Switching Power Manager/Li-Ion Chargers with Overvoltage Protection; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C BATTERY CHARGE CONTROLLER, 2650 kHz SWITCHING FREQ-MAX, PQCC20 USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
|
Linear Technology, Corp.
|
T2851N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|