PART |
Description |
Maker |
AN30185A |
DC-DC Regulators VIN = 2.9V to 5.5V 2ch,0.8A General-purpose High Efficiency Power LSI
|
Panasonic Semiconductor
|
NCP4672DR2G NCP4672 |
Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
|
ONSEMI[ON Semiconductor]
|
SMT05E SMT05E-05S1V5J SMT05E-05W3V3J |
0.75 Vin to 3.63 Vin Single output
|
Artesyn Technologies
|
TC1235EUNTR TC1236EUNTR TC1237EUNTR |
Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 12KHz Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 35KHz Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 125KHz Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
|
Microchip
|
MIC69101 MIC69101-1.8YML MIC69103YML |
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
|
Micrel Semiconductor
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
SMT10E-05S1V2J |
3.0 Vin to 5.5 Vin Single output
|
Artesyn Technologies
|
LTM4608V LTM4608EV-PBF LTM4608IV-PBF |
Low VIN, 8A DC/DC μModuleTM with Tracking, Margining, and Frequency Synchronization Low VIN, 8A DC/DC 楼矛ModuleTM with Tracking, Margining, and Frequency Synchronization
|
Linear Technology
|
TA79L015P TA79L006P TA79L018P TA79L024P TA79L008P |
Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -10V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -20V
|
TOSHIBA
|
LPA2160-00 |
Po at 10% THD plus N, VIN = 3.7V
|
Lowpower Semiconductor ...
|
HUMMER |
Powers DC/DC converters with 28 Vin nominal
|
Interpoint Corporation Company
|