PART |
Description |
Maker |
ADIS16305 ADIS16305_PCBZ ADIS16305AMLZ ADIS16305/P |
Precision Four Degrees of Freedom Sensor
|
Analog Devices
|
ADIS16485 |
Six Degrees of Freedom Inertial Sensor
|
Analog Devices
|
GLT41316-50J3 GLT41316-50FC GLT41316-12P GLT41316- |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 64K的16的CMOS动态RAM的快速页面模 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE 64K的16的CMOS动态RAM的快速页面模 3.0V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 2.5V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 20ppm/Degrees C Max, 100uA, SOT23-3 Series Voltage Reference 3-SOT-23 -40 to 125 3.3V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 4.096V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.3V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 1.25V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 4.096V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.5V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 3.3V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 Enhanced Product 4 Ppm/Degreesc 100 Ua Sot23-6 Series Voltage References 6-SOT-23 -55 to 125
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
LXH9-PW30 LXH8-PW27 LXH8-PW50 LXH8-PW40 |
Freedom From Binning
|
List of Unclassifed Manufac...
|
SD-501329-001 501329-0214 5013290214 |
3.30mm (.130) Pitch Wire-to-Wire Inertia Lock Plug Housing, Single Row, 2 Circuits, Blue 3.30mm (.130") Pitch Wire-to-Wire Inertia Lock Plug Housing, Single Row, 2 Circuits, Blue
|
Molex Electronics Ltd.
|
FXP831.09.0100C |
FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
|
List of Unclassifed Manufacturers
|
LHUV-0380-0150 LHUV-0380-0200 LHUV-0380-0250 LHUV- |
Superior flux density, efficiency and design freedom ?in the industry’s only micro-package UV LED
|
Lumileds Lighting Compa...
|
11305-3 |
Hybrid Couplers 3dB 90 degrees
|
Anaren Microwave, Inc.
|
HS2264 HS2155 HS2153 HS2265 HS2160 HS2154 HS2261 H |
Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 30; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Contact Mating Area Plating: Gold; Operating Temperature Range (degrees C Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-45 Peripheral IC 外围芯片
|
Thomas
|
FXP72070053A |
FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
|
List of Unclassifed Man...
|
CNY117 |
Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
|
VISAY[Vishay Siliconix]
|