PART |
Description |
Maker |
74479787210A |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479776233 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479776222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479787233 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479775147A |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479775147 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
SDR0805-2R5M SDR0805-100M SDR0805-120M BOURNSINC-S |
MAGNETICS - NON-SHIELDED POWER INDUCTOR 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors 10uH 7.8mm SMD Inductor; Inductor Type:Power; Inductance:12uH; Inductance Tolerance: 20 %; Current Rating:3A; Series:SDR0805; Core Material:Ferrite DR; Leaded Process Compatible:No; Mounting Type:Surface Mount; Operating Temp. Min:-40 C RoHS Compliant: No
|
Bourns, Inc. BOURNS INC
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
SDR0602 SDR0602-330KL SDR0602-331K SDR0602-100M SD |
1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0602; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:18; Self Resonant Frequency:44MHz; Package/Case:470; Terminal Type:PCB Surface Mount; Core Material:Ferrite DQ; Current Rating:1.55A 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0602; Inductance:330uH; Inductance Tolerance: /- 10 %; Q Factor:55; Self Resonant Frequency:4MHz; Package/Case:470; Terminal Type:PCB Surface Mount; Core Material:Ferrite DQ; Current Rating:160mA 1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD High Power Inductor 高功率贴片电 From old datasheet system
|
BOURNS INC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
PM3308-151M-RC |
Power Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM3604-50 PM3602-33 PM3604-10 |
Inductor; Series:PM3600; Inductance:50uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 1.28, Series 0.64A; DC Resistance Max, Parallel:0.12ohm 2 ELEMENT, 50 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:33uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.98, Series 0.49A; DC Resistance Max, Parallel:0.14ohm 2 ELEMENT, 33 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:10uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 2.70, Series 1.35A; DC Resistance Max, Parallel:0.028ohm 2 ELEMENT, 10 uH, COMMON MODE CHOKE, SMD
|
Bourns, Inc. BOURNS INC
|
SRU1038-3R5Y |
Power Inductor; Inductor Type:Power; Inductance:3.5uH; Inductance Tolerance: 30 %; Current Rating:5.5A; Series:SRU1038; Package/Case:1038; Core Material:Ferrite DR/RI; DC Current Rating:5.50A; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
BOURNS INC
|
|