PART |
Description |
Maker |
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
BUV21 BUV21_D ON0257 |
From old datasheet system 40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola, Inc. ON Semiconductor
|
BUV20D BUV20 BUV60 BUV20-D |
Power 50A 125V NPN TO204 SWITCHMODE Series NPN Silicon Power Transistor SWITCHMODE Series NPN Silicon Power Transistor SITCHMODE Series NPN Silicon Power Transistor
|
ONSEMI[ON Semiconductor]
|
2SC3739 2SC3739-T2B 2SC3739-L |
HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
http:// NEC
|
2SD2164 |
Silicon power transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC
|
2SB736 2SB736A 2SB736-T1B 2SB736A-T1B 2SB736ABW3-T |
BJT 双极型晶体管 AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR(MINI MOLD) Silicon transistor
|
NEC, Corp. NEC[NEC]
|
2SB962 2SB962-Z 2SB962-ZE 2SB962-ZP 2SB962-ZR 2SB9 |
Silicon transistor BJT 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体 PNP SILICON EPITAXIAL TRANSISTOR MP-3 进步党硅外延晶体管型号:MP - 3
|
NEC[NEC] NEC Corp. NEC, Corp.
|
CEN-U10 |
NPN SILICON POWER TRANSISTOR 0.5 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-202 Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|