PART |
Description |
Maker |
2SC5172 E001056 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
2SC3376 E000838 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SA18621 2SA2072 2SA1862 |
High-voltage Switching Transistor (?400V, ?2A) High-voltage Switching Transistor (−400V, −2A) High voltage discharge, High speed switching, Low Noise (?60V, ?3A)
|
ROHM[Rohm]
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4637LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 15mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/15mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
KTC4520 |
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR/ HIGH VOLTAGE/ HIGH VOLTAGE SWITCHING)
|
KEC(Korea Electronics)
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
CMDD7006 |
SMD Switching Diode Single: High Voltage SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
2SC4346-Z 2SC4346 |
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
|
NEC[NEC]
|