PART |
Description |
Maker |
CMLT5087EM-15 |
SURFACE MOUNT SILICON DUAL, MATCHED PNP TRANSISTOR
|
Central Semiconductor C...
|
BCM857BS BCM857BV BCM857BV115 BCM857DS135 BCM857DS |
PNP/PNP matched double transistors; Package: SOT457 (SC-74); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors
|
NXP Semiconductors N.V.
|
BC320 BC321 BC258 BC177 BC177V 3C307 3C309 BC307 |
THE ABOVE TYPES ARE PNP SILICON PLANAR EPITAXIAL TRANSISTORS FOR USE IN AF SMALL SIGNAL AMPLIFIER STAGES AND DIRECT COUPLED CIRCUITS Trans GP BJT PNP 45V 0.1A 3-Pin TO-18
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semiconductors New Jersey Semi-Conduct...
|
2N334 2N335 2N334A 2N335/1299 |
Trans GP BJT NPN 3-Pin TO-5 Trans GP BJT PNP 45V 0.03A 6-Pin LCC-2 Trans GP BJT PNP 40V 0.2A 6-Pin LCC-2
|
New Jersey Semiconductor
|
M48T37YMH M48T37Y-70MH1TR M48T37Y-70MH6 M48T37Y-70 |
TRANS PREBIASED DUAL NPN SOT363 TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIAS DUAL COMP SOT-563 TRANS PREBIASED DUAL PNP SOT-363 DIODE ZENER SINGLE 150mW 3.6Vz 5mA-Izt 0.0556 5uA-Ir 1 SOT-523 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 3.6Vz 5mA-Izt 0.0556 5uA-Ir 1 SOT-363 3K/REEL 3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM 3.3 - 5V56千位2KB的SRAM x8计时 DIODE ZENER SINGLE 300mW 3.6Vz 5mA-Izt 0.0556 5uA-Ir 1 SOT-23 3K/REEL 3.3 - 5V56千位2KB的SRAM x8计时 DIODE ZENER DUAL ISOLATED 200mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-363 3K/REEL 3.3 - 5V56千位32KB的SRAM x8计时
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
SSM2220PZ SSM2220S-REEL SSM2220SZ SSM2220SZ-REEL |
Audio Dual Matched PNP Transistor
|
Analog Devices
|
MAT03 MAT03AH MAT03EH MAT03FH |
Low Noise, Matched Dual PNP Transistor
|
AD[Analog Devices]
|
BDX84A BDX54 BDX54A BDX54B |
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS Trans Darlington PNP 60V 8A 3-Pin(3 Tab) TO-220
|
New Jersey Semi-Conductor P... New Jersey Semiconductors New Jersey Semi-Conduct...
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
NST45011MW6T1G |
Dual Matched General Purpose Transistor NPN Matched Pair
|
ON Semiconductor
|
CFMS4 |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
|
Central Semiconductor Corp
|
CMLT8099M |
SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
|
Central Semiconductor Corp
|