PART |
Description |
Maker |
10112634 |
IX4 INTERNAL ASSEMBLY
|
FCI connector
|
16215 16215BNMET12 16215BNMST12 16215BNFST12 16215 |
16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly 16字符2行点阵式液晶大会通过焦炉煤气控制器无内部背光板装
|
Electronic Theatre Controls, Inc.
|
MSM66P56-XX MSM66P54-XX MSM6650 MSM6656A MSM6656-X |
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable (OTP) ROM
|
OKI
|
38721-7312 38721-7306 38721-7308 38721-7304 38721- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 2种方式结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 8路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 12未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 10未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 6未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 2种方式结核病 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
复位半导 Harwin PLC Ironwood Electronics MOLEX INC
|
C35M C35A C35B C35D C35G C35J C35K |
RTD Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 2W; Assembly; High Power Density ECONOLINE: RTS & RTD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85% 35A AUTOMOTIVE RECTIFIER CELL
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SY89858U SY89858UMG SY89858UMGTR SY89845U SY89845U |
PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION From old datasheet system
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1050A LTC1050HS8 LTC105009 LTC1050 LTC1050ACH L |
Precision Zero-Drift Op Amp with Internal Capacitors Precision Zero-Drift Operational Amplifier with Internal Capacitors
|
Linear Technology
|
2N6558 40175BDM 4017BDM 40174BDM 4017BDC 4028BDC 4 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Quad D-Type Flip-Flop Hex D-Type Flip-Flop Johnson Counter TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 13A I(D) | TO-213AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 6A I(D) | TO-213AA 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 20V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 25V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Bit/4-Bit缓冲驱动 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 输入或门 Dual 4-input NOR Gate 输入或非
|
Motorola Mobility Holdings, Inc. Thomas Glenair, Inc.
|
MSM66P56-XX MSM6656 |
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
|
OKI electronic componets OKI SEMICONDUCTOR CO., LTD.
|