PART |
Description |
Maker |
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
STR-S5708 STR-S5707 STRS5708 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
|
Allegro MicroSystems, Inc.
|
STRF6600 STRF6624 STRF6628 STRF6632 STRF6652 STRF6 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Search --To STR-F6653 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS Off-Line Quasi-Resonant Flayback Switching Regulators
|
Allegro MicroSystems, Inc. ETC ALLEGRO[Allegro MicroSystems]
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
STR-A6159 STR-A6151 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Universal-Input/13 or 16 W Flyback Switching Regulators
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
STR-A6131 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 120 V/12 or 16 W Flyback Switching Regulators
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
STR-A6251 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Universal-Input/15 W 50 kHz Flyback Switching Regulators
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
TK15A20D K15A20D |
TK15A20D Switching Voltage Regulators Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK50J30D |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK50J60U |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK22E10N1 |
Switching Voltage Regulators
|
Toshiba Semiconductor
|