PART |
Description |
Maker |
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
LT1014ACJPBF LT1014ACJTRPBF LT1013ACHTRPBF LT1013A |
QUAD OP-AMP, 270 uV OFFSET-MAX, CDIP14 DUAL OP-AMP, 240 uV OFFSET-MAX, MBCY8 DUAL OP-AMP, 240 uV OFFSET-MAX, CDIP8 DUAL OP-AMP, 240 uV OFFSET-MAX, PDIP8 Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
|
LINEAR TECHNOLOGY CORP Linear Dimensions Semic...
|
LT1881ACS8TR LT1881ACS8TRPBF |
Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 85 uV OFFSET-MAX, 0.85 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
X9455WP24I |
Dual Two-wiper Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-PDIP DUAL 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 256 POSITIONS, PDIP24
|
Linear Technology, Corp.
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
MAX3235ECWPG36 MAX3235EEWPG36 |
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
Maxim Integrated Products, Inc.
|
LT1213ACN8 LT1213MJ8 LT12131 LT1213AMJ8 LT1213CS8P |
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 650 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8
|
Linear Integrated Systems Linear Technology, Corp.
|
AD746JRZ-REEL7 |
Dual Precision, 500 ns Settling, BiFET Op Amp; Package: SOIC; No of Pins: 8; Temperature Range: Commercial DUAL OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|