PART |
Description |
Maker |
CSR33B563MA T110D105K050MSC T110D105M050MSC CSR13B |
LCD GRAPHIC MODULE 240X128 PIXEL TVS UNIDIRECT 14V 400W SMA INTELLIGENT DISP 4CHAR 5X5 HER TANTALUM HERMETICALLY SEALED / AXIAL 钽密轴流 Connector assemblies, Outlet 钽密轴流 DISPLAY 7SEG 14.3MM 2DGT RED CA 钽密轴流 RF/Coaxial Connector; RF Coax Type:MMCX; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes 钽密轴流 CABLE ASSEMBLY; C MALE TO C MALE; 50 OHM, RG400/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH 钽密轴流 PHASEO POWER SUPPLY 5VDC 4AMP 钽密轴流 TVS ZENER UNIDIRECT 400W 12V SMA 钽密轴流 TVS 400W 15V BIDIRECT SMA 钽密轴流
|
Kemet Corporation http://
|
NJG1553BF NJG1553BF-C1 NJG1553BF-C2 NJG1553BF-C3 N |
1.9ghZ band mixer gAaS mmic DIODE TVS 600W SMB GaAs MMIC Mixer IC With Built-in Local Amplifier for 1.9GHz PCS Applications(用于1.9GHz频带PCS型蜂巢电话的砷化镓单片微波集成电路混频器(内置本机放大) TVS UNIDIRECT 1500W 11V SMC TVS BIDIRECT 1500W 110V SMC TVS UNIDIRECT 1500W 100V SMC TVS UNIDIRECT 10V 1500W SMC TVS ZENER BIDIRECT 1500W 10V SMC TVS ZENER BIDIRECT 600W 90V SMB TVS UNIDIRECT 1500W 110V SMC
|
http:// NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
STK28C256C12M STK28C256L15M STK28C256C90 |
DIODE TVS 7.5V 400W BIDIR 5% SMA DIODE TVS 9.0V 400W BIDIR 5% SMA DIODE TVS 8.0V 400W UNI 5% SMA
|
|
HIF3B-50DA-2.54R HIF3B-34PA-2.54DS HIF3B-34PA-2.54 |
NS30 VOLT 600 WATT UNI-DIR DO-214. CONN MODULAR JACK 6-6 RT ANG SMD CONN MODULAR JACK 8-8 RT ANG SMD DIODE ZENER SINGLE 1000mW 5.6Vz 100mA-Izt 0.05 5uA-Ir 2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 6.2Vz 100mA-Izt 0.05 5uA-Ir 3 SMA 5K/REEL DIODE, ZENER, 12V, 1W, SMD SMA DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11.4 SMA 5K/REEL TVS UNIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 20Vz 25mA-Izt 0.05 0.5uA-Ir 15.2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 10Vz 50mA-Izt 0.05 1uA-Ir 7.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 39Vz 10mA-Izt 0.05 0.5uA-Ir 29.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 8.2Vz 100mA-Izt 0.05 5uA-Ir 6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 33Vz 25mA-Izt 0.05 0.5uA-Ir 25.1 SMA 5K/REEL TVS BIDIRECT 600W 16V SMB DIODE ZENER SINGLE 1000mW 36Vz 10mA-Izt 0.05 0.5uA-Ir 27.4 SMA 5K/REEL DIO, TVS, SMBJ15CA, 15V, BI-DIR TVS UNIDIRECT 600W 14V SMB TVS BIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 18Vz 25mA-Izt 0.05 0.5uA-Ir 13.7 SMA 5K/REEL TVS UNIDIRECT 600W 28V SMB 带状电缆连接器符合MIL标准兼容 TVS UNIDIRECT 600W 160V SMB 带状电缆连接器符合MIL标准兼容 DIODE, TRANSIENT SUPPRESSOR, 33V, 13.8A 带状电缆连接器符合MIL标准兼容 TVS UNI-DIR 33V 600W SMB 带状电缆连接器符合MIL标准兼容 Ribbon Cable connector Compliant with MIL Standard 带状电缆连接器符合MIL标准兼容 TVS BIDIRECT 600W 30V SMB 带状电缆连接器符合MIL标准兼容
|
http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
SMAJ12A-13-F SMAJ22A-13-F SMAJ45A-13-F SMAJ15A-13- |
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes Inc. Diodes, Inc.
|
DSEC60-03A DSEC60-03AR |
Fast Recovery Diodes TVS 400W 10V UNIDIRECT SMA HiPer FREDTM Epitaxial Diode with common cathode and soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE
|
IXYS Corporation IXYS, Corp.
|
P4KE11 P4KE6.8A P4KE68 P4KE56A P4KE24 P4KE68A P4KE |
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH
|
SMAJ SMAJ85C SMAJ33CA SMAJ160C SMAJ9.0CA |
400W Peak Power Surface Mount TVS
|
SeCoS Halbleitertechnologie GmbH
|
P4SMAJ8.0 P4SMAJ8.0A P4SMAJ7.0 P4SMAJ110 P4SMAJ190 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Pan Jit International Inc. Pan Jit International I...
|
P4KE10A-B P4KE P4KE47A-B P4KE12A-B P4KE82CA-B P4KE |
Transient Voltage Suppression Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
Littelfuse
|