PART |
Description |
Maker |
PS2381-1-V-F3 PS2381-1-F3 PS2381-1-15 |
4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115°C 4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115°C
|
Renesas Electronics Corporation
|
KT101WATLD |
4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
|
COSMO Electronics Corp...
|
PS9552L1-AX PS9552L2-E3 PS9552L2-E3-AX PS9552L2-V- |
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
|
California Eastern Laboratories
|
VOL628A-3X001T VOL628A-X001T |
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
|
Vishay Siliconix
|
UPD44324184F5-E33-EQ2 UPD44324084F5-E33-EQ2 UPD443 |
36M-BIT DDRII SRAM 4-WORD BURST OPERAT 36M条位SRAM条DDRII词爆生产营运
|
NEC Corp. NEC, Corp.
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS8302L2-E3-AX PS8302L-E3-AX PS8302L-V-E3 |
1Mbps HIGH CMR ANALOG OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER 1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
4N32 TIL113 4N29MTA-V 4N29MTB-V TIL113MTA-V TIL113 |
6 PIN PHOTODARLINGTON PHOTOCOUPLER
|
Everlight Electronics C... Everlight Electronics Co., Ltd
|
EL816MY |
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
|
Everlight Electronics C...
|
EL206 |
8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
|
Everlight Electronics C...
|
OCP-PCT228A |
EIGHT PIN DIP DUAL CHANNEL PHOTOCOUPLER
|
LUMEX INC.
|
PC714V6NSZXF |
DIP 6 pin General Purpose Photocoupler
|
Sharp Electrionic Component...
|