PART |
Description |
Maker |
MPTS0805L020 MPTS2920L030 MPTS2920L050 MPTS2920L07 |
Polymeric PTC
|
MERITEK ELECTRONICS CORPORATION MERITEK ELECTRONICS COR...
|
PGB101040211 PGB1010603MR PGB1010603NRHF PGB101060 |
Surface Mount Polymeric ESD Suppressors BIDIRECTIONAL, SILICON, TVS DIODE Low leakage current, Fast response time Surface Mount Polymeric ESD Suppressors
|
Littelfuse
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
MF-RX110-0-99 |
PTC - RADIAL LEADED 60VOLTS RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Hanbit Electronics Co., Ltd.
|
PFMD.150.2 PFMD.014.2 PFMD.020.2 PFMD.030.2 PFMD.0 |
Subminiature PCB PTC-fuses; for electronic devices; Voltage Rating: 6V; Current Rating: 1.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT Surface Mount PTC-Fuses
|
SCHURTER AG Schurter Inc.
|
SMD150 |
PolySwitch垄莽 PTC Devices PolySwitch? PTC Devices
|
Tyco Electronics
|
LPT-100G LPT-1000F LPT-1000G LPT-1000J LPT-1000K L |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 25.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 37.4 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 71.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.4 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 18.2 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 10 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 16 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 4.02 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 54.9 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 90.9 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 60.4 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 32.4 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24.9 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 24.3 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 27 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, TEMPERATURE DEPENDENT, PTC, 100 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 51 ohm, THROUGH HOLE MOUNT AXIAL LEADED TEMPERATURE SENSITIVE METAL FILM RESISTORS TC隆炉S FROM 150 TO 7000 PPM TEMPERATURE SENSITIVE METAL FILM RESISTORS TC’S FROM 150 TO 7000 PPM
|
Samtec, Inc. Amphenol, Corp. RCD Components, Inc. RCD COMPONENTS INC. http://
|
AD549J 05F6971 AD549JH |
Ultralow Input Bias Current Operational Amplifier IC-ELECTROMETER AMPLIFIER 集成电路静电计放大器 THERMISTOR, PTC; Series:B598; Thermistor type:PTC; Resistance:15R; Tolerance, resistance: /-25%; Temp, op. max:125(degree C); Voltage, operating:265V; Case style:Radial; Current, tripping:0.28A; Diameter, body:11mm; Length, RoHS Compliant: Yes
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
LA731JLTP331J2000 LA731JLTP391J2800 LA731JLTP392J1 |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 330 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 390 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3900 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 33 ohm, SURFACE MOUNT
|
KOA Speer Electronics,Inc.
|
B59880-C120-A70 B59890-C120-A70 B59875-C120-A70 B5 |
THERM PTCC884-A120-A70 THERM PTCC873-A120-A70 KALTLEITER PTC KALTLEITER PTC
|
Air Cost Control Analog Devices, Inc.
|
|