PART |
Description |
Maker |
QHX220IQT7 QHX220ICSR QHX220ICT7 |
Active Isolation Enhancer and Interference Canceller
|
Renesas Electronics Corporation
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
MT8889C MT8889CC MT8889CC-1 MT8889CE MT8889CE-1 MT |
6V; 10mA; integrated DTMF transceiver with adaptive micro interface. For paging systems, repeater systems/mobile radio, credit card systems, personal computers, interconnect dialers Integrated DTMFTransceiver with Adaptive Micro Interface
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
M64285K |
MITSUBISHI CMOS Image Sensor CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M64285FP |
MITSUBISHI CMOS Image Sensor CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
TCD2560D |
IMAGE SENSOR-CCD, 4-6V, RECTANGULAR, THROUGH HOLE MOUNT TOSHIBA CCD Image Sensor CCD (charge coupled device) The TCD2560D is a high sensitive and low dark current 5400 elements 3 line CCD color image sensor which includes CCD drive circuit and clamp circuit.
|
TOSHIBA[Toshiba Semiconductor]
|
KS7332 |
KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction, applicable to CCD-using video camera syst
|
Samsung Electronic Samsung semiconductor
|
VC6700 VC5700 VC5700/VC6700 VC5700V048 VC6700V048 |
UXGA Resolution Digital Video CMOS Image Sensor From old datasheet system CCD Image Array - Datasheet Reference
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
M64285K |
CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,) CMOS图像传感器(图像输入系统的游戏设备,接口系统,安全,监控,)
|
Electronic Theatre Controls, Inc.
|
AT71200M AT71200MCRER AT71200MCRERB AT71200MCRHR |
AT71200M Monochrome [Updated 2/03. 23 Pages] Full field CCD. 3500 x 2300 pixels. 4 x 25 MHz Full field image sensor 3500 x 2300 pixels, 4 x 25 MHz 8M-pixel color image sensor. Full frame version standard image grade. Anti-reflective window. 8M-pixel color image sensor. Frame transfer version with two memories zones. Anti-reflective window. 8M-pixel color image sensor. Full frame version high image grade. Anti-reflective window.
|
Atmel
|
KS7332 |
KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction, applicable to CCD-using video camera syst
|
Samsung semiconductor
|
TCD1304AP |
CCD LINEAR IMAGE SENSOR The TCD1252AP is a high sensitive and low dark current 3648 - elements linear image sensor.
|
TOSHIBA
|