PART |
Description |
Maker |
MP2229 |
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
|
Monolithic Power System...
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
SC4607IMSTR SC4607IMSTRT SC4607 |
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
|
Semtech Corporation
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
MP1499GD |
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
|
Monolithic Power System...
|
SC4624EVB-MLPQ SC4624EVB-SO |
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator 低输入电压,高效率及4A集成FET的同步降压直直流稳压
|
Semtech, Corp.
|
CY7C4261V CY7C4271V 7C4291V CY7C4271V-25JC CY7C426 |
128K x 9 low voltage Deep Sync FIFO, 15ns 64K x 9 low voltage Deep Sync FIFO, 25ns 64K x 9 low voltage Deep Sync FIFO, 15ns 16K x 9 low voltage Deep Sync FIFO, 25ns 32K x 9 low voltage Deep Sync FIFO, 15ns 16K x 9 low voltage Deep Sync FIFO, 15ns 32K x 9 low voltage Deep Sync FIFO, 25ns From old datasheet system 16K/32K/64K/128Kx9 Low Voltage Deep Sync FIFOs
|
Cypress
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
ISL6406 |
PWM, Single, Low Voltage, High Efficiency, Adjustable Output Voltage Min 0.8V, Input = 3.3V or 5V, Synchronizable. Available in Pb(Lead)-free, TSSOP (ISL6406IVZ, IVZ-T)
|
Intersil
|
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
Z2803R3S Z2803R3S_EM Z2801R5S Z2801R5S_EM Z2802R5S |
Hi-Rel DC-DC Rad-Hard Single Converter in a Z package with 2.5 Vout 28V Input, Single Output LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
|
IRF[International Rectifier]
|
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|