PART |
Description |
Maker |
Q62703-Q1353 Q62703-Q1356 Q62703-Q1355 Q62703-Q391 |
3 mm T1 3/4 LED, Diffused Wide-Angle LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm 3 mm T1 3/4 LED / Diffused Wide-Angle LED 3 mm T1 3/4 LED, Diffused Wide-Angle LED 3毫米T1 3 / 4的LED,扩散广角发光二极管 DIODE SWITCHING SINGLE 240V 225mA-Io 250mW 50ns-trr SOT-323 3K/REEL 3 mm T1 3/4 LED, Diffused Wide-Angle LED 3 mm T1 3/4 LED Diffused Wide-Angle LED
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AFS1-00120025-10-13P-4 AFS2-21202400-35-5P-2 AFS4- |
120 MHz - 250 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 21200 MHz - 24000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 500 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 6000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 100 MHz - 10000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 8000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13200 MHz - 14000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 100 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 7300 MHz - 8400 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
K3001 K3003 K3005 K3007 K3050 |
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
LTC1909-8 LTC1909-8EG |
Wide Operating Range, No R Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|
SA5204AD SA5204AN NE5204 NE5204A NE5204AD NE5204AN |
RES 110 OHM 1/10W .5% 0805 SMD 0 MHz - 350 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Wide-band high-frequency amplifier
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
E28F004S5-85 E28F004S5-120 28F016S5 28F008S5 E28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 12V/5V Input Buck PWM Controller Evaluation Kit/Evaluation System for the MAX5946A, MAX5946L BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 85 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
HD74HC51 HD74HC51FPEL HD74HC51P HD74HC51RPEL |
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
|
Renesas Electronics Corporation
|
CR22E-120D-2.54DS CR22-100D-2.54DS CR22-100D-2.54D |
CONNECTOR ACCESSORY 连接器附 2.54mm Pitch Card Edge Connector 2.54mm间距卡边缘连接器 Serial Interface Board with Flash Memory Mechanism, 2-inch wide, 3-inch/sec Print Speed, Rear Feed Mechanism, 2-inch wide, 3-inch/sec Print Speed, w/Mini-Cutter, Front Feed Mechanism, 2-inch wide, 3-inch/sec Print Speed, Front Feed
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
93C56 M9306-RDW3T M9306-RDS3T M9306-RDS6T M9306-RD |
16Kbit / 8Kbit / 4Kbit / 2Kbit / 1Kbit and 256bit 8-bit or 16-bit wide Round Conductor Flat Cable, 3749/100 30 AWG, .025 (0.64) 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbitKbitKbitKbit56 8位或16位全 CONNECTOR ACCESSORY 连接器附 HOT MELT ADHESIVE VO-Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 HOT MELT ADHESIVE Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbit4KbitKbit1Kbit56 8位或16位全 TRANS PREBIASED NPN 200MW SOT323 16KbitKbitKbitKbitKbit56 8位或16位全 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ADXL001-250BEZ ADXL001-250BEZ-R7 ADXL001-70BEZ-R7 |
High Performance Wide Bandwidth iMEMS? Accelerometer SPECIALTY ANALOG CIRCUIT, CQCC8 High Performance, Wide Bandwidth Accelerometer
|
ANALOG DEVICES INC
|