PART |
Description |
Maker |
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
VGOB36-08IO7 VGOB36-12IO7 VGOB36-14IO7 VGOB36-16IO |
Single Phase Rectifier Bridge 31 A, 1600 V, SCR Single Phase Rectifier Bridge 31 A, 1400 V, SCR Single Phase Rectifier Bridge 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS Corporation
|
2KBP06M 2KBP01M 2KBP005M 2KBP10M 2KBP08M 2KBP02M 2 |
2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE 2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
|
http:// New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
KBPC5010 MB5005 KBPC5001 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
KBPC606 KBPC610 KBPC600 KBPC601 KBPC602 KBPC604 KB |
100V Bridge in a D-72 package SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
|
International Rectifier JGD[Jinan Gude Electronic Device]
|
MB351W-BP MB354W-BP MB3510W-BP MB3505W-BP MB356W-B |
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 35A 200V WIRE LEADS 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
DBI25-16 DBI15-005 DBI15-01 DBI15-02 DBI15-04 DBI1 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 17 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 2.49K 1/10W 0.1% 0805
|
SEMIKRON[Semikron International]
|
KBL405G KBL407G KBL401G KBL402G |
Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 4 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Taiwan Semiconductor Company, Ltd
|
SHB636053E |
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE 5 A, SILICON CARBIDE, BRIDGE RECTIFIER DIODE
|
Sensitron Semiconductor
|