PART |
Description |
Maker |
LT3P65W |
┆3mm(T-1), Cylinder Type(Thick Flange), Colored Transparency, Tape-packaged LED Lamps for Surface Mount
|
SHARP[Sharp Electrionic Components]
|
ACT845SMX-2 |
2 pad, cost competitive ceramic packaged, glass sealed crystal.
|
Advanced Crystal Technology
|
5082-0132 5082-0335 |
1.5pF Capacitance Varactor Diode Ceramic Packaged Step Recovery Diodes
|
Hewlett-Packard / Agilent
|
QESM05 |
SMD 5.0x3.2 Crystal - Ceramic SMD packaged
|
TEMEX
|
RFP-150-50TCGF-S |
0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT, CERAMIC, FM-1 Full Flange Termination 150 Watts, 50Ohms
|
Anaren, Inc. Anaren Microwave
|
QESM07 QESM07120JO2010FREQ3 |
QUARTZ CRYSTAL RESONATOR, 26 MHz - 54 MHz SMD 3.2x2.5 Crystal -Ceramic SMD packaged
|
TEMEX COMPONENTS
|
AM2964B/BQA AM2964B/BUA AM2964BPC AM2964BDMB AM296 |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package; A IR2132 packaged in a 28-Lead SOIC shipped on Tape and Reel 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2108 packaged in a 8-Lead PDIP DRAM控制 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a Lead-Free 28-Lead SOIC DRAM控制 Half Bridge Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2304 packaged in a 8-Lead SOIC DRAM控制
|
NXP Semiconductors N.V.
|
TGA4915-EPU-CP |
Ka-Band 7 W Packaged Amplifier 7 W Ka Band Packaged Power Amplifier
|
TRIQUINT[TriQuint Semiconductor]
|
ISL4238EIRZ ISL4245EIRZ-T ISL4238E ISL4238EIR ISL4 |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN灏??, 卤15kV ESD ?叉?, 2.7V??5.5V, 10Nanoamp, 250kbps/1Mbps, ?锋????????????S-232?跺??? 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN封装, ±15kV ESD 防护, 2.7V5.5V, 10Nanoamp, 250kbps/1Mbps, 具有自动断电功能的RS-232收发 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown QFN Packaged, 【15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
100042MB019SX11ZA 100042MB019SX17ZA |
HDMI Receplacle SMT Type Female Connector Without Flange HDMI Receptacle SMT Type Femole connector with flange
|
SUYIN USA, INC.
|
|