PART |
Description |
Maker |
APT8075 APT8075BN APT8090BN |
POWER MOS V 800V 13.0A 0.75 Ohm / 800V 12.0A 0.90 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
STB7NC80Z STB7NC80Z-1 STP7NC80ZFP STP7NC80Z STBB7N |
6.5 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL MOSFET New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STW12NK80Z |
CONNECTOR ACCESSORY N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 800V - 0.65 OHM - 10.5 A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
意法半导 STMicroelectronics ST Microelectronics
|
STP4NC80ZFP |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP I2PAK ZENER PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
STE34NK80Z |
N-CHANNEL 800V - 0.20 OHM - 32A ISOTOP ZENER-PROTECTED SUPERMESHPOWER MOSFET
|
ST Microelectronics
|
STB4NC80Z-1 STB4NC80ZT4 STP4NC80Z STP4NC80ZFP |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP D2PAK I2PAK ZENER PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
STD3NK80Z-1 9565 |
N-CHANNEL 800V - 3.8 OHM - 2.5A TO-220/FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system
|
STMicroelectronics
|
FQPF6N80C FQP6N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
|