PART |
Description |
Maker |
M5LV-320_192-10AI M5LV-512_104-6AC M5-192_74-15YC |
IND SHLD 3.3UH 9A RMS SMT Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 12 ns, PBGA256 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP240 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP144 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP208 10-Bit Broadband Modem Mixed Signal Front End (MxFE®); Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial EE PLD, 12 ns, PQFP144 12-Bit Broadband Modem Mixed Signal Front End (MxFE®); Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Commercial EE PLD, 15 ns, PQFP144 12-Bit Broadband Modem Mixed Signal Front End (MxFE®); Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial EE PLD, 15 ns, PQFP144 Fifth Generation MACH Architecture EE PLD, 6.5 ns, PQFP240 CONNECTOR ACCESSORY EE PLD, 10 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PBGA352 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 20 ns, PBGA352 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PBGA352 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP240 Fifth Generation MACH Architecture EE PLD, 10 ns, PBGA256 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP240 Fifth Generation MACH Architecture EE PLD, 6.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP208 CONNECTOR ACCESSORY EE PLD, 12 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP240 Fifth Generation MACH Architecture
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
SPC563M64L7COAR SPC563M64L7COAY SPC563M64L7COBR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC564B64L8C9E0X SPC564B64L8C9E0Y SPC564B70L7C9E0X |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
PPXD2020VMG116R MPXD2020VMG116R SPXD2020VMG116R MP |
32-bit Power Architecture? Dual Core Microcontrollers for Industrial Networking
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
SPC56EL60L5CBOSR SPC56EL60L5CCOSR SPC56EL60L3CCFQR |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
SPC560P54L5CEFAY SPC560P60L3CEFAY SPC560P60L5CEFAY |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|
H8S_2350 H8S_2351 |
The H8S/2000 CPU has an internal 32-bit architecture, is provided with sixteen 16-bit general registers and a concise
|
Renesas Electronics Corporation
|
AT91SAM7XC512-14 |
High-performance 32-bit RISC Architecture Incorporates the ARM7TDMI
|
ATMEL Corporation
|
HD40L4201FP HD40L4201FT HD40L4202S HD40L4202FP HD4 |
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS WITH THE SAME ARCHITECTURE AS THE HMCS400 SERIES
|
Hitachi Semiconductor
|
ATMEGA48 ATMEGA88V TSC80C31-25ABD TSC80C31-16MGDP8 |
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash 8-BIT, 25 MHz, MICROCONTROLLER, PQCC44 8-BIT, 16 MHz, MICROCONTROLLER, CDIP40 8-BIT, 30 MHz, MICROCONTROLLER, UUC40 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 16 MHz, MICROCONTROLLER, UUC40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture 8-bit Microcontroller with 8K Bytes In-System Programmable Flash High endurance non-volatile memory segments High performance, low power Atme 8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
|