PART |
Description |
Maker |
OA109AP-22-1R OA109AP-22-2R OA109AP-11-1R OA109AP- |
AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7”x 1.5?
|
ORION FANS
|
OD1238-12HBXJ01A |
DC Fan 12V 120x38mm (4.7”x 1.5?
|
ORION FANS
|
OD1238-12MBXJ10A |
DC Fan 12V 120x38mm (4.7”x 1.5?
|
ORION FANS
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC652ACVUATR TC653ACVUATR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
EUA2011HIR1 EUA2011JIR1 |
FAN,115VAC,78CFM,120X120X38 DUAL BALL,TERMINAL,UL/CE/CUL 3单声道无滤波器D类音频功率放大器 FAN,220VAC,110CFM,120X120X38 BALL,TERMINAL,UL/CE/TUV/CUL 3单声道无滤波器D类音频功率放大器 FAN,12VDC,9.27CFM,51X51X10,.8W BALL,10.5"LEADS,UL/CUL/TUV/CE
|
Eutech Microelectronics, Inc. 寰蜂俊绉???′唤??????
|
ECG2364 ECG2370 ECG2365 |
FAN AC 80X25 115/220V BALL, 18cfm FAN AC 80X25 220V BALL, 25cfm FAN AC 80X25 115/220V BALL, 13cfm 晶体管|晶体管|叩| 800V的五(巴西)总裁| 12A条一(c)|47VAR
|
EPCOS AG
|
5191 5190 |
L-band Fan-In/Fan-Out
|
Dow-Key Microwave Corpo...
|