PART |
Description |
Maker |
PS7241H1A-E3 PS7241H1A-F3 PS7241H1A-F4 |
FET-OUTPUT OPTOCOUPLER Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a Lead-Free 8-Lead SOIC 场效应管输出光耦合
|
HIROSE ELECTRIC Co., Ltd.
|
PR31MA11NXPF PR31MA11NTZF |
Non-Zero Cross type DIP 6pin SSR TRIGGER OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX LEAD FREE, PLASTIC, DIP-6
|
Sharp Electrionic Components Sharp Electronics, Corp.
|
PSCIA3CHP PSCIA1CHP PSCIA2CHP |
400V 2 Form A Photo Voltaic Relay in a 8-pin DIP Package; A PVT422 with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; Similar to PVT312L with lead free packaging. 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; Similar to PVA3324N with Lead Free Packaging 晶体管|场效应| P通道| 15mA的我(直)|芯片
|
Bourns, Inc.
|
1-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04STTR04=DIP S,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
1-1825059-4 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SA04=DIP SWT,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
AM2960-1LCB AM2960-1JC AM2960-1JCB AM2960-1PC AM29 |
Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a Lead-Free 8-Lead PDIP Error Detection & Correction (EDAC) Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a Lead-Free 8-Lead SOIC Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a 16-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a Lead-Free 14-Lead SOIC High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a Lead-Free 8-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a mod. 44-Lead PLCC High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a Lead-Free 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2113 packaged in a Lead-Free 16-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a 14-Lead SOIC Error Detection & Correction (EDAC) 错误检 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a mod. 44-Lead PLCC 错误检 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead SOIC 错误检
|
Omnetics Connector, Corp. Avago Technologies, Ltd. Atmel, Corp.
|
PC3SH11YFZ PC3SH11YFZAF PC3SH11YIPB PC3SH11YIPBF |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 4 pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER SMT, PLASTIC, DIP-4 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-4
|
Sharp Electrionic Components Sharp Microelectronics of the Americas Sharp Electronics, Corp.
|
5-5435640-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; DIP SW 8 POS ( Alcoswitch )
|
Tyco Electronics
|
AD7823YR-REEL7 AD7823YRM-REEL AD7823YRM-REEL7 AD78 |
2.7 V to 5.5 V 4.5 ms 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices
|
XT49UR32SP4M XT49U XT49UR16SL4M XT49UR16SP4M XT49U |
Resistance Welded Holder Type Crystal Unit Resistance Welded Holder Type Crystal Unit 电阻焊接支架型晶体谐振器 Quartz Crystals 1.8432MHz - 60.0MHz, Optional Third Lead, Optional Insulating Sleeve, Hermetically Sealed
|
Allegro MicroSystems, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
CNY117-1X007T CNY117-4X007T CNY117-2X007T CNY117-3 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6
|
Vishay Intertechnology, Inc. VISHAY SEMICONDUCTORS
|
|