PART |
Description |
Maker |
X80200V20I X80201V20I X80202V20I X80203V20I X80204 |
Power Supply Swquencer with Power-up System Mnitoring 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO20 Power Supply Swquencer with Power-up System Mnitoring 电源Swquencer与上电系统Mnitoring
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC33460 MC33460-D MC33460SQ-28ATR MC33461SQ-30CTR |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 From old datasheet system Under Voltage Detector Series
|
MOTOROLA INC ON Semiconductor
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
451-90-216-00-017 350-10-116-00-001 350-90-116-00- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE 电路板连接器2.54毫米单列/双列焊尾 External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes CRIMP SHELLS DB50 FEMALE HOOD DB50 PLASTIC 10 PACK External Plug-In Power Supply; Series:; Output Voltage:9V; Output Power Max:30W; Output Current:3.33A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:81% RoHS Compliant: Yes DB-50 PLASTIC HOOD CRIMP SHELLS, DB50 FEMALE External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No TV CABLE (RG-6); SCREW ON (THREADED) 6FT WHITE TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
NCV303LSN29T1 NCV303LSN47T1 NCP303LSN23T1G |
Voltage Detector Series with Programmable Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Resistor Wirewound 34.8 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
ON Semiconductor
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
PM6003 PM6003-3 PM3006 PM3006-2 |
PM SERIES POWER SUPPLY UNITS
|
List of Unclassifed Manufacturers
|
APAX-5343 APAX-5001 APAX-5002 APAX-5343E |
Power Supply for APAX-5570 Series
|
Advantech Co., Ltd.
|
PSA60-112 PSA60-124 PSA60-10514 PSA60-115 |
PSA60 Series Switching power Supply
|
Phihong USA Inc.
|
VSK-S2-15U |
SERIES: VSK-S2 DESCRIPTION: AC-DC POWER SUPPLY
|
CUI INC
|