PART |
Description |
Maker |
93C56 M9306-RDW3T M9306-RDS3T M9306-RDS6T M9306-RD |
16Kbit / 8Kbit / 4Kbit / 2Kbit / 1Kbit and 256bit 8-bit or 16-bit wide Round Conductor Flat Cable, 3749/100 30 AWG, .025 (0.64) 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbitKbitKbitKbit56 8位或16位全 CONNECTOR ACCESSORY 连接器附 HOT MELT ADHESIVE VO-Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 HOT MELT ADHESIVE Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbit4KbitKbit1Kbit56 8位或16位全 TRANS PREBIASED NPN 200MW SOT323 16KbitKbitKbitKbitKbit56 8位或16位全 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
M95040 M95020 |
4Kbit / 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
|
ST Microelectronics
|
M93C86_05 M93C46 M93C-46BN6 M93C-46BN6TP M93C-46BN |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
STMICROELECTRONICS[STMicroelectronics]
|
M93C-76RBN6 M93C-76WBN6 M93C-76RBN7P M93C-76RMN6P |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访
|
意法半导 STMicroelectronics N.V.
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
BR93A76RFJ-WME2 BR93A46FJ-WME2 BR93A76RFVM-WM BR93 |
Automotive Microwire BUS 8Kbit(512x16bit) EEPROM Automotive Microwire BUS 1Kbit(64x16bit) EEPROM Automotive Microwire BUS 2Kbit(128x16bit) EEPROM Automotive Microwire BUS 4Kbit(256x16bit) EEPROM
|
ROHM
|
DS28CN01U_T DS28CN01 DS28CN01U_ DS28CN01U DS28CN01 |
1Kbit I2C/SMBus EEPROM with SHA-1 Engine 1Kbit I?C/SMBus EEPROM with SHA-1 Engine
|
MAXIM[Maxim Integrated Products]
|
BR93L46RF-W BR93L46RFJ-W BR93L46RFV-W BR93L46RFVJ- |
Microwire BUS 1Kbit(64 x 16bit) EEPROM
|
Rohm
|
BR24G01FJ-3AGTE2 BR24G01F-3AGTE2 BR24G01FVM-3AGTTR |
I2C BUS 1Kbit(128x8bit) EEPROM
|
ROHM
|
BR93G46NUX-3A BR93G46NUX-3ATTR BR93G46-3A BR93G46F |
Microwire BUS 1Kbit(64x16bit) EEPROM
|
ROHM
|
DS2406_07 DS2406 DS2406_TR DS2406_ DS2406P DS2406P |
Dual Addressable Switch Plus 1kbit Memory
|
DALLAS[Dallas Semiconductor]
|