PART |
Description |
Maker |
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF7460 IRF7460TR IRF7460TRPBF |
12 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA Power MOSFET(Vdss=20V/ Id=12A) Power MOSFET(Vdss=20V, Id=12A) 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
FDC638APZ |
-20V P-Channel 2.5V PowerTrenchSpecified MOSFET P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
|
FAIRCHILD[Fairchild Semiconductor]
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
AM29F200BT-120DPC1 AM29F200BT-75DPC1 AM29F200BT-90 |
150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3315 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL8113 with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3504 with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL42N20D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF2907Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRLIZ34N with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB38N20D with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9N20D with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010EZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7459 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3711ZCS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44EL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7455 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3105 with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N15D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF2907ZL with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF640NS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3207ZPBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3715Z with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3410 with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL31N20D with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFI540N with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package; A IRF7607 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3715ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404ZL with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRLI3615 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7821 with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR24N15D with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3815 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4410ZPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB42N20D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3207ZPBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3711Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB4310 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3709ZL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP054V with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB Package; A IRF3205Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710 with Standard Packaging EEPROM EEPROM
|
EEPROM Elpida Memory, Inc.
|
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
STN5PF02V |
P-channel 20V - 0.065 - 4.2A - SOT-223 2.5V - Drive STripFET II Power MOSFET P-channel 20V - 0.065з - 4.2A - SOT-223 2.5V - Drive STripFET⑩ II Power MOSFET P-channel 20V - 0.065蟹 - 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
SST3585 SST358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
FDFC2P100 |
Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3A, 150mohm 3 A, 20 V, 0.252 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
WNM2020 |
N-Channel MOSFET N-Channel, 20V, 0.90A, Small Signal MOSFET Extremely Low Threshold Voltage
|
TY Semiconductor Co., Ltd
|