PART |
Description |
Maker |
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FQPF45N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 29A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|9A条(丁)|20F 30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
STS7PF30L |
P-CHANNEL 30V - 0.016 OHM - 7A SO-8 STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NTD4909N-35G NTD4909N-1G |
Power MOSFET, Single N-CH 30V, IPAK Trimmed Leads 8.8 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET 8.8 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
FDB8160 FDB8160-F085 FDB8160F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 80A, 1.8mΩ
|
Fairchild Semiconductor
|
STK85007 STK850 |
N-channel 30V - 0.0024Ω - 30A - PolarPAK? STripFET Power MOSFET nullN-channel 30V - 0.0024ヘ - 30A - PolarPAK㈢ STripFET⑩ Power MOSFET
|
STMicroelectronics
|