PART |
Description |
Maker |
DD22.6321.1111 DD22.9121.1111 |
DD22 POWER ENTRY MODULE W. FILTER 6A M5 6A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER FILTER, IEC, 10A, 2P SWITCH FUSE; Current rating:10A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes 10A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
BLH31-H |
Standard : UL - IEC 300V-130V 10A-10A
|
Eldeco Srl
|
MRD31-R |
Standard : UL - IEC 300V - 250V 10A - 10A
|
Eldeco Srl
|
10NHC00G |
ELECTRIC FUSE, 10A, 500VAC, 120000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
34.1756 |
FAST BLOW ELECTRIC FUSE, 10A, 250VAC, 100A (IR), INLINE/HOLDER
|
SCHURTER INC
|
7010.9971.59 |
TIME LAG BLOW ELECTRIC FUSE, 10A, 65VAC, 65VDC, 150A (IR), INLINE/HOLDER
|
SCHURTER INC
|
4707.2100 |
4707 POWER ENTRY MODUL 10A RoHS Compliant: Yes 10A,250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
|