PART |
Description |
Maker |
MTM12P10 MTP12P06 MTP12P10 |
POWER FIELD EFFECT TRANSISTOR 12 A, 60 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB (MTP12P06 / MTP12P10) POWER FIELD EFFECT TRANSISTOR
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
2SK3476 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3078A |
Field Effect Transistor Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
2SK231202 2SK231207 2SK2312 |
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE (L2-PI-MOSV) CHOPPER Regulator, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−?MOSV) TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−ば-MOSV)
|
Toshiba Semiconductor
|
2SJ620 |
Field Effect Transistor Silicon P Channel MOS Type (L2-PI-MOSV) Switching Regulator and DC-DC Converter Applications Motor Drive Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-ヰ-MOSV) TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2--MOSV)
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3403NBSP 2SK3403 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
PTF10154 |
85 Watts/ 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85瓦,1.93-1.99 GHz的GOLDMOS场效应晶体管 85 Watts 1.93-1.99 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson]
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HN1K04FU |
Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications Analog Switch Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|