PART |
Description |
Maker |
94030-4081 |
MALE TERM 6.3/0.8 BRS TIN 1-2.5 2.5 mm2, BRASS, TIN FINISH, TAB TERMINAL
|
Molex, Inc.
|
02-06-1131 02-06-5138 02-06-1132 02-06-5148 |
CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE 062 Female Term Chain Brs 30Au 24-30 BRASS, GOLD FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-24; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Female; Pitch Spacing:1.75mm BRASS, TIN FINISH, WIRE TERMINAL 062 Female Term Loose Brs 30Au 24-30
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
94030-4941 94030-4201 94030-4200 94030-4531 94030- |
FEM TERM 2.8/0.5 BRS TIN 005-02 0.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL FEM TERM 2.8/0.8 BRS TIN 025-05 0.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL FEM TERM 2.8/0.8 BRS UNPL 025-05 0.5 mm2, BRASS, PUSH-ON TERMINAL FEM TERM 4.8/0.5 BRS TIN 05-1 1 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL FEM TERM 2.8/0.8 BRS TIN 05-1.5 1.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL HRT FEM TERM BRASS UNPL 05-1.0 1 mm2, BRASS, PUSH-ON TERMINAL
|
Molex, Inc.
|
HGN-375C01S-30-1M3 HGN-375A01W-30-1M3 HGN-375B01Q- |
FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM) 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 3A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 3A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
PowerDynamics, Inc POWER DYNAMICS INC
|
DC22.2111.111 DC22.9123.111 DC22.1223.111 DC22.111 |
Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:2A; Approval Bodies:UL RoHS Compliant: Yes 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:10A; Approval Bodies:UL RoHS Compliant: Yes 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:1A; Approval Bodies:UL RoHS Compliant: Yes 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:4A; Approval Bodies:UL RoHS Compliant: Yes 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:6A; Approval Bodies:UL RoHS Compliant: Yes 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG SCHURTER INC
|
5145.ABDWF060C0.511 5145.ABDWF030C0.331 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 4A; Terminal Type: Quick Connect Tabs; Appliance inlet; circuit breakerType TA 45 and line filter 3A,125/250 VAC, MALE, MAINS POWER CONNECTOR
|
SCHURTER INC
|
CD41.4599.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Fuseholder is accessible fromThe equipment front; IEC/EN 60979 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
KE10.2100.105 KE15.1100.109 KE10.6100.107 KE10.210 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 13A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder; and series-parallel voltage selector 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG SCHURTER INC
|
KG10.6101.109 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect Tabs; Panel mount; fuseholder is accessible from front; IEN/EN 60950 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
BRS512 BRS509 BRS505 BRS515 |
BRS DC/DC converters(1.5 WATT)
|
POWER-ONE[Power-One]
|
|