PART |
Description |
Maker |
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC1096L LTC1096LAC LTC1096LACS8 LTC1096LAI LTC109 |
Quad Precision Single Supply Low-Power Operational Amplifier 14-SOIC -40 to 85 低电压,微功耗采位串行I /办公自动 D转换 Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters Low Voltage Micropower Sampling 8-Bit Serial I/O A/D Converters From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
MAX6821 MAX6822 MAX6823 MAX6824 MAX6825 MAX6823SUK |
2.93 V, low-power mP supervisor with manual reset and watchdog timer Low-Voltage SOT23 ?? Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 ?P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer 8-Bit Shift Registers With Input Latches 20-LCCC -55 to 125 Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 2.63 V, low-power mP supervisor with manual reset and watchdog timer
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
FMP1617CCX-GXXX FMP1617CCX-HXXX FMP1617CCX-G85E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP3217BAX-FXXX FMP3217BAX-GXXX FMP3217BAX-H60E FM |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
TC7SPB9306TU TC7SPB9307TU |
Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|