PART |
Description |
Maker |
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
MAX9376 MAX9376EUB |
From old datasheet system LVDS/Anything-to-LVPECL/LVDS Dual Translator
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
VFXO302 |
LVPECL / LVDS
|
Valpey Fisher
|
5962-8971302MZX 5962-8971301QZX 5962-8971301MZX 59 |
High-Voltage, Low-Power Linear Regulators for Notebook Computers Field Programmable Gate Array (FPGA) CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System High-Side, N-Channel MOSFET Switch Driver CMOS, µP Compatible, 4µs, 8-Bit ADC CMOS, µP Compatible, 4µs, 8-Bit ADC 现场可编程门阵列(FPGA Digitally Controlled CCFL Backlight Power Supplies 现场可编程门阵列(FPGA
|
Maxwell Technologies, Inc Vicor, Corp.
|
MAX9374A MAX9374 MAX9374EKA MAX9374-MAX9374A MAX93 |
Differential LVPECL-to-LVDS Translators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
VC-709-PCIE2-100M000000 VC-709-ECE-KAAN VC-709-ECE |
HCSL, LVDS, LVPECL Crystal Oscillator
|
Vectron International, Inc
|
UVVJ60B1LN UVVJ80U8QN UVVJ UVVJ10B1HN UVVJ10B1LN U |
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
|
MTRONPTI[MTRONPTI]
|
UVV80Z8QN UVV UVV10R1HN UVV10R1LN UVV10R1PN UVV10R |
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
|
MTRONPTI[MTRONPTI]
|