PART |
Description |
Maker |
M500166RDK M500166RDK-R M500126RDK M500126RDK-R M5 |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
MTRONPTI[MTRONPTI]
|
M50022ERDK-R M50022ERLK-R M500276RPK M50022ETPK-R |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO 9x16毫米FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPXO 9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO 9x16毫米的FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPXO
|
MtronPTI
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
IDT72V831 IDT72V831L10PF IDT72V831L10TF IDT72V831L |
3.3 VOLT DUAL CMOS SyncFIFO?/a> 3.3 VOLT DUAL CMOS SyncFIFO 4K X 9 BI-DIRECTIONAL FIFO, 12 ns, PQFP64 Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs 3.3伏双通道CMOS SyncFIFO 15MBaud CMOS logic optocoupler. Single channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 15MBaud CMOS logic optocoupler. Single channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 3.3 VOLT DUAL CMOS SyncFIFO⑩ 4K x 9 DualSync FIFO, 3.3V
|
Integrated Device Technolog... Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
S29CD032G S29CD032G0JFAI000 S29CD032G0JFAI002 S29C |
CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY From old datasheet system 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION[SPANSION]
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
VCA3-B6C-25M00 VCA3-F3D-25M00 VCA3-E2H-25M00 VCA3- |
CRYSTAL OSCILLATOR, CLOCK, 0.32768 MHz - 160 MHz, CMOS OUTPUT 3.3, 5.0 volt CMOS Oscillator 3.3, 5.0 volt CMOS Oscillator
|
Vectron International, Inc Vectron International, ...
|
IDT72V3644 IDT72V3624 IDT72V3634 IDT72V3634L10 IDT |
512 x 36 x 2 SyncBiFIFO, 3.3V 3.3 VOLT CMOS SyncBiFIFO? 3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
|
IDT[Integrated Device Technology] Integrated Device Techn...
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
A29040AL-55 A29040AL-70 A29400UV-70 A2918EWH A2918 |
512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory Dual full-bridge PWM motor driver
|
AMIC Technology Allegro MicroSystems
|