PART |
Description |
Maker |
FQT13N06L FQT13N06LTF FQT13N06LL99Z |
60V LOGIC N-Channel MOSFET 60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET 2800 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FQD13N06L FQU13N06L FQD13N06LTF FQD13N06LTM FQU13N |
60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
RFP8P06LE RFD8P06LESM RFD8P06LE FN4273 |
8A/ 60V/ 0.300 Ohm/ ESD Rated/ Logic Level/ P-Channel Power MOSFET From old datasheet system 8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET 8A, 60V, 0.300 Ohm, ESD Rated, P-Channel Power MOSFET(8A, 60V, 0.300Ω,额定静电释放P沟道功率MOS场效应管)
|
INTERSIL[Intersil Corporation]
|
HUF76423D3 HUF76423D3S HUF76423D3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 20A I(D) | TO-252AA 20 A, 60 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFETPower MOSFETFairchild
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDC5614P FDC5614 FDC5614PNF073 FDC5614PNL |
60V P-Channel Logic Level PowerTrench MOSFET 60V P-Channel Logic Level PowerTrench MOSFET 60V P-CHANNEL LOGIC LEVEL POWERTRENCH MOSFET
|
Fairchild Semiconductor
|
HUFA76409D3S HUFA76409D3 HUFA76409D3ST |
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 18A I(D) | TO-252AA 17A/ 60V/ 0.071 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
RFP12N06RLE RFD12N06RLESM RFD12N06RLE FN2407 |
From old datasheet system 12A/ 60V/ 0.135 Ohm/ N-Channel/ Logic Level/ Power MOSFETs 12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs(12A, 60V, 0.135 Ω, N沟道,逻辑电平,功率MOS场效应管) 12 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
INTERSIL[Intersil Corporation] Fairchild Semiconductor, Corp.
|
HUFA76445P3 HUFA76445S3S |
75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75A/ 60V/ 0.0075 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor] http://
|
NTD3055L170-D NTD3055L170T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 9A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 9A条(丁)|52AA Power MOSFET 9.0 Amps, 60 Volts, Logic Level N-Channel DPAK
|
TE Connectivity, Ltd. ON Semiconductor
|
KSMI30N06L |
60V LOGIC N-Channel MOSFET
|
Kersemi Electronic Co.,...
|