PART |
Description |
Maker |
9001-100-1010 9001-100-1025 51-353-003 51-353-076 |
1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 4 A, DATA LINE FILTER 1 FUNCTIONS, 300 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 3 A, DATA LINE FILTER Hermetically Sealed Threaded Case Filters Hermetically Sealed Threaded Case Filters
|
SPECTRUM CONTROL INC Spectrum Microwave, Inc. Spectrum Microwave, Inc...
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
CM7560R-105 CM7560R-104 CM7560R-125 CM7560R-124 CM |
PC Mount Common Mode Choke 2 FUNCTIONS, 0.7 A, DATA LINE FILTER 2 FUNCTIONS, 1.7 A, DATA LINE FILTER 2 FUNCTIONS, 4.5 A, DATA LINE FILTER
|
API Delevan
|
500X07NW101MV4T 500X07NW152MV4T 500X07NW222MV4T 50 |
1 FUNCTIONS, 50 V, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0402, 3 PIN 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
Vicor, Corp.
|
CM1690-04DE CM1690-08DE CM1690-06DE |
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER LEAD FREE, UDFN-12 8 FUNCTIONS, 0.03 A, DATA LINE FILTER
|
ON Semiconductor
|
DLP31DN131ML4L DLP31DN321ML4L DLP31DN201ML4L DLP31 |
CHOKE COM MODE ARRY 130 OHM 1206 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER CHOKE COM MODE ARRY 320 OHM 1206 4 FUNCTIONS, 10 V, 0.08 A, DATA LINE FILTER CHOKE COM MODE ARRY 200 OHM 1206 4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER CHOKE COM MODE ARRY 440 OHM 1206 4 FUNCTIONS, 10 V, 0.07 A, DATA LINE FILTER EMI COMMON MODE CHOKE 1206 90OHM@100MHZ
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
DSS9NP32A222Q54B DSS9NP32A222Q93J DSS9NP32A222Q92J |
1 FUNCTIONS, 100 V, 7 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 6 A, DATA LINE FILTER 2200PF EMI SUPPRESSION FILTER DSS9NC52A222Q55B 3-PIN DIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
LC1206L473M LC0805H104M LC0805H223M7 LC0805H223MB |
Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors 1 FUNCTIONS, 25 V, 0.1 A, DATA LINE FILTER 1 FUNCTIONS, 25 V, 1 A, DATA LINE FILTER
|
BITECH[Bi technologies] BI TECHNOLOGIES CORP
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
TTDLF-10000L TTDLF-2000L TTDLF-2500L TTDLF-3000L T |
SMT Data Line EMI Filters 2 FUNCTIONS, 0.1 A, DATA LINE FILTER
|
Coilcraft lnc. COILCRAFT INC
|
|