PART |
Description |
Maker |
C450EZ900-0303-2 C470EZ900-0302-2 C460EZ900-0302-2 |
EZBright LED Technology Lambertian Radiation Cree EZ900 Gen II LEDs EZBright LED Technology Lambertian Radiation
|
Cree, Inc Marktech Corporate
|
C380A C380B C380D C380C C380E C380PA |
The C380 Series of high power devices feature the proven, all-diffused construction used in the C180 Series
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
LMR040-0700-40F8-10100EW LMR040-0700-40F8-20100EW |
Cree LED Module LMR4 with EasyWhite Technology
|
Cree, Inc
|
SC41E6 SC33E6 SC108E6 SC70E6 SC132E6 SC177E6 SC235 |
SIEMENS ANNOUNCES A SUB-MICTON GENERATION OF CHANNELLESS GATE-ARRAYS BASED ON THE PROVEN MEGALOGIC PROCESS Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 500 psi, Vacuum Gage, flush mount, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 500 psi, Gage, flush mount, 10 Vdc excitation SIEMENS ANNOUNCES A SUB-MICTON GENERATION OF CHANNELLESS GATE-ARRAYS BASED ON THE PROVEN MEGALOGIC PROCESS 西门子公司宣布了一个小组MICTON发电的CHANNELLESS门阵列基于经过验证的MEGALOGIC过程
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
C450DA700-0207 C450DA700-0209 C450DA700-0214 C460D |
Direct Attach LED Technology Rectangular LED RF Performance Direct Attach DA700 LEDs
|
Cree, Inc Marktech Corporate
|
PIC18F4580-I_ML PIC18F4580-I_P PIC18F4580-I_PT PIC |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
CXXXEZ1000-SXX000-2 C450EZ1000-0219-2 C460EZ1000-0 |
EZBright LED Technology Low Forward Voltage Cree EZ1000 Gen II LEDs
|
Cree, Inc Marktech Corporate
|
LT3465A |
2.4MHz White LED Step-Up Converter with Built-In Schottky in ThinSOT
Linear Technology
|
10
|
C450EZ1400-S80000-2 C460EZ1400-S80000-2 C450EZ1400 |
EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux Cree EZ1400 Gen II LEDs
|
Cree, Inc Marktech Corporate
|
20726 |
3DNow! Technology Manual AMD-K6 Processor Multimedia Technology 3DNow!?技术手册的AMD - K6处理器多媒体技
|
Cypress Semiconductor Corp.
|
SIGC81T60SNC |
IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
|
Infineon Technologies AG
|
DRX-RJE |
High brightness surface mount LED using thin film technology
|
DOMINANT Semiconductors
|