PART |
Description |
Maker |
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
FSL130D FSL130D1 FSL130D3 FSL130R FSL130R1 FSL130R |
From old datasheet system 8A/ 100V/ 0.230 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs 8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 8A条,100V的,0.230欧姆,拉德硬,SEGR耐,N沟道功率MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
BS108B |
230 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
DIODES INC
|
BSS129-TR1 |
150 mA, 230 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
VISHAY SILICONIX
|
0194280014 SD-19428-006 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
MCP60104 MCP604T MCP601 MCP601-E_CH MCP601-E_OT MC |
MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ... 2.7V to 5.5V Single-Supply CMOS Op Amps
|
MICROCHIP[Microchip Technology]
|
SUP60N10-16L |
N-Channel 100-V (D-S) 175C MOSFET From old datasheet system N-Channel 100-V (D-S) 175 Degree Celcious MOSFET N-Channel MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
SFF80N10Z |
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET 55 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Solid State Devices, Inc.
|
PPF5210M |
P Channel MOSFET; Package: TO-254; ID (A): 19; RDS(on) (Ohms): 0.07; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 30 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
PSMN039-100YS |
N-channel LFPAK 100 V 39.5 m惟 standard level MOSFET N-channel LFPAK 100 V 39.5 mΩ standard level MOSFET N-channel LFPAK 100 V 39.5 m standard level MOSFET 28.1 A, 100 V, 0.0395 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235
|
NXP Semiconductors N.V.
|
SI4482DY SI4482DY-T1 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET N-Channel 100-V (D-S) MOSFET N-Channel, 100-V Single
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
|