PART |
Description |
Maker |
CS8161YTVA5 CS8161YTHA5 CS8161YT5 CS8161 CS8161YDW |
12V/ 5V Low Dropout Dual Regulator with ENABLE 12V, 5V Low Dropout Dual Regulator with ENABLE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
Cherry Semiconductor Co... CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
UP6161 |
Single 12V Input Supply Dual Regulator Synchronous Buck PWM and Linear Regulator Controller
|
UPI
|
MAX742CPP 1157 MAX742 MAX742EPP MAX742CWP MAX742EW |
Switch-Mode Regulator with 5V to ±12V or ±15V Dual Output Switch-Mode Regulator with 5V to 【12V or 【15V Dual Output From old datasheet system Switch-Mode Regulator with 5V to 12V or 15V Dual Output
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
ISL6549LOW-EVAL1 ISL6549HI-EVAL1 |
Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 单电源双12V输入同步整流降压稳压器和线性电源的PWM控制
|
Intersil, Corp.
|
TDA8132 4241 |
5.1V 12V DISABLE VOLTAGE REGULATOR From old datasheet system 5.1V 12V DISABLE VOLTAGE REGULATOR
|
SGS Thomson Microelectronics STMicro ST Microelectronics
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
ISL5123IH-T ISL5123CB ISL5123 ISL5123IB ISL5120IB |
Analog Switch, SPST, Dual, NOpen, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V Low-Voltage/ Single Supply/ Dual SPST/ SPDT Analog Switches Low-Voltage Single Supply Dual SPST SPDT Analog Switches Analog Switch, SPST, Dual, NClosed, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V Analog Switch or 2-1 Multiplexer, SPDT, Single, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V Analog Switch, SPST, Dual, NClosed/NClosed, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V
|
INTERSIL[Intersil Corporation]
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
MC33269DR2-012 MC33269T-012 MC33269DTRK-012 MC3326 |
800mA, 12V Output, Low Dropout Voltage Regulator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800mA, 12V Output, Low Dropout Voltage Regulator; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800mA, 12V Output, Low Dropout Voltage Regulator; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 ANA 0.8A 5V LDO VREG; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8
|
ON Semiconductor
|
TDA8138 TDA8138A TDA8138B |
5.1V 12V REGULATOR WITH DISABLE AND RESET 5.1V 12V REGULATOR WITH DISABLE AND RESET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M5278L05 M5278L05M M5278LXXM M5278LXX M5278L56M M5 |
(5V/5.6V/8V/9V/10V/12V/15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT) From old datasheet system (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT) V的,5.6VV的,9V电源0V2V的,15V的)三端固定正输出电压调节器(带褶皱回保护电路)
|
Mitsubishi Electric Sem... Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|