PART |
Description |
Maker |
M27W202 M27W202-100B6TR M27W202-100F6TR M27W202-10 |
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM 2兆位128KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Triple 3-Input Positive-AND Gates 14-SO 0 to 70 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
1507 1507-100A 1507-100B 1507-100C 1507-150A 1507- |
Delay 50 /-2.5 ns, 10-TAP SIP delay line Td/Tr=5 Delay 300 /-15 ns, 10-TAP SIP delay line Td/Tr=5 Delay 200 /-10 ns, 10-TAP SIP delay line Td/Tr=5 Delay 250 /-13 ns, 10-TAP SIP delay line Td/Tr=5 Delay 150 /-7.5 ns, 10-TAP SIP delay line Td/Tr=5 Delay 100 /-5 ns, 10-TAP SIP delay line Td/Tr=5 Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 固定10抽头延迟线被动园 Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits Delay 40 /-2 ns, 10-TAP SIP delay line Td/Tr=5 Delay 500 /-25 ns, 10-TAP SIP delay line Td/Tr=5 Delay 20 /-2 ns, 10-TAP SIP delay line Td/Tr=5
|
Data Delay Devices Inc
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
M74HC154 M74HC154B1R M74HC154M1R |
Low-Voltage Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85 4 to 16 Line Decoder/Latch(4-16线译码器/多路分解 4 TO 16 LINE DECODER/DEMULTIPLEXER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
74ALVCH162244 74ALVCH162244T 74ALVCH162244TX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Ohm Series Resistor in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26-Ohm Series Resistor in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistor in Outputs From old datasheet system Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Series Resistor in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MTD48 74LCX162244 74LCX162244GX 74LCX162244MEA 74L |
Low Voltage 16-Bit Buffer/Line Driver with 26 Ohm Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HSDL-7000 |
IR 3/16 Encode/Decode IC
|
AVAGO TECHNOLOGIES LIMITED
|
IL34118 |
Low Voltage Operation for Line-Powered Applications
|
IK Semicon Co., Ltd
|
RCLAMP3321P RCLAMP3321P.TNT |
Ultra-Low Capacitance 1-Line, 3.3V ESD protection Low ESD clamping voltage
|
Semtech Corporation Gennum Corporation
|
PQ15RF15 PQ15RF16 |
1A Output / Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop 1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
|
SHARP[Sharp Electrionic Components]
|