PART |
Description |
Maker |
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
AT91R40807 AT91R40807-33AI AT91R4080702 AT91R40807 |
ARM? Thumb? Microcontrollers AT91 ARM Thumb Microcontrollers 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
PC9S12XS64J1MALR PC9S12XS64J1VALR PC9S12XS256J1VAL |
16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP112 20 X 20 MM, 1.40 MM HEIGHT, 0.65 MM PITCH, MS-026BFA, LQFP-112 HCS12 Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc. Freescale Semiconductor...
|
P89LPC925FDH P89LPC924FDH P89LPC925FN P89LPC925 P8 |
P89LPC924/925; 8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter (P89LPC924 / P89LPC925) 8-bit microcontrollers
|
NXP Semiconductors Philips Semiconductors
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
EVK-SH3000USB SH3003IMLTRT SH3000UM SH3000EK |
MicroBuddy庐 Support IC for Microcontrollers MicroBuddy? Support IC for Microcontrollers
|
Semtech Corporation
|
Z86C91 Z86C9116PSG Z86C9116VSC |
COMS Z8 ROMLess Microcontrollers CMOS Z8 ROMLess Microcontrollers
|
Zilog, Inc. http://
|
MC68HC711P2CFS3 MC68HC711P2CFS4 MC68HC11P2BCFN4 |
Microcontrollers 8-BIT, UVPROM, 4 MHz, MICROCONTROLLER, CQCC84 Microcontrollers 8-BIT, MROM, 4 MHz, MICROCONTROLLER, PQCC84
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Linear Technology, Corp.
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
|