PART |
Description |
Maker |
IR3623MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IR International Rectifier
|
IR3622MTRPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
International Rectifier
|
CD40192BC CD40192BCN CD40193BCM CD40193BCN CD40192 |
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter Synchronous Up/Down Counter 同步减计数器 Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
A63P0636E-4.2F A63P0636 A63P0636E A63P0636E-2.6 A6 |
1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM DIODE ZENER SINGLE 500mW 6Vz 20mA-Izt 0.05 5uA-Ir 3.5Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
WS1.1-2500-ADSI-L05 WS1.1-2000-10V-L10 WS1.1-1500- |
Analog or A/D converted synchronous serial output
|
ASM GmbH
|
LTC3829 |
Single Output Synchronous Step-Down DC/DC Controller
|
Linear Technology
|
ISL91117 ISL91117II7Z-T ISL91117II7Z-T7A ISL91117I |
True input-output disconnect when disabled High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
|
Intersil Corporation Intersil, Corp.
|
MP3415 MP3415GG |
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
|
Monolithic Power System...
|