|
LTC3537EUDTRPBF - 2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.75 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PQCC16 |
Full text search : 2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.75 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PQCC16 |
|
Related Part Number | |||||||||||||||||||||||||||||||||||||||
|
|||||||||||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | |||||||||||||||||||||||||||||||||||||||
|
|||||||||||||||||||||||||||||||||||||||