PART |
Description |
Maker |
LT1615-1 LT1615ES5 |
100mA Micropower Step-Up DC/DC Converters in SOT-23 Micropower Step-Up DC/DC Converters in ThinSOT
|
Linear
|
LTC1096L LTC1096LAC LTC1096LACS8 LTC1096LAI LTC109 |
Quad Precision Single Supply Low-Power Operational Amplifier 14-SOIC -40 to 85 低电压,微功耗采位串行I /办公自动 D转换 Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters Low Voltage Micropower Sampling 8-Bit Serial I/O A/D Converters From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT1317 LT1317B LT1317BCMS8 LT1317BCS8 LT1317BIS8 L |
Micropower/ 600kHz PWM DC/DC Converters Micropower, 600kHz PWM DC/DC Converters From old datasheet system
|
LINER[Linear Technology]
|
LTC1286I LTC1298C LTC1286IN8 LTC1286CN8 LTC1286CS8 |
Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
|
Linear Technology Corporation
|
LTC1285 LTC1285CN8 LTC1285CS8 LTC1288 LTC1288CN8 L |
From old datasheet system 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
|
LINER[Linear Technology]
|
LTC1096 LTC1096AC LTC1096ACN8 LTC1096ACS8 LTC1096A |
From old datasheet system Micropower Sampling 8-Bit Serial I/O A/D Converters
|
LINER[Linear Technology]
|
LT1304 LT1304-3.3 LT1304-5 LT1304CS8 LT1304CS8-3.3 |
From old datasheet system Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
|
LINER[Linear Technology]
|
LTC1096LIS8-PBF LTC1098LIS8-PBF LTC1096LIS8-TR LTC |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Micropower Sampling 8-Bit Serial I/O A/D Converters
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1304CS8-5 LT1304CS8-3.3 |
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown 1.2 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
LTC3400-1 34001F LTC3400ES6-1 LTC3400ES6-1TRM LTC3 |
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT 600mA, 1.2MHz Micropower Synchronous Boost Converters in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 From old datasheet system
|
Linear Technology, Corp.
|
AM27C020-155DI AM27C020-175DI AM27C020-155DIB AM27 |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Low Dropout References; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched-Capacitor Wide Input Range Voltage Converter with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
C-MAC MicroTechnology SPC Technology Electronic Theatre Controls, Inc.
|